Part Number Hot Search : 
2SC1162 A3515E PCA95 KIA7733S CX93510 UPC1060 2SJ606 AD8330
Product Description
Full Text Search
 

To Download G100E14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low cost, 1w minidip single & dual output dc/dc con vert ers key features: ? 1w output power ? compact ?minidip? case ? en 60950 approved (ul) ? single & dual outputs ? 1,000 vdc isolation ? >3.5 mhour mtbf ? 24 standard models ? lowest cost!! g100e series input parameter conditions min. typ. max. units input voltage range 5 vdc input 4.5 5.0 5.5 vdc 12 vdc input 10.8 12.0 13.2 24 vdc input 21.6 24.0 26.4 input filter internal capacitor reverse polarity input current 0.3 a output parameter conditions min. typ. max. units output voltage accuracy 1.0 3.0 % output voltage balance dual output , balanced loads 0.1 1.0 % line regulation for vin change of 1% 1.2 % load regulation, see note 1 see model selection guide ripple & noise (20 mhz) single output, see note 3 75 100 mv p - p dual output, see note 3 50 750 output power protection 120 % temperature coef? cient 0.02 0.03 %/oc output short circuit momentary (1.0 sec.) general parameter conditions min. typ. max. units isolation voltage 60 seconds 1,000 vdc isolation resistance 500 vdc 1,000 m? isolation capacitance 100 khz, 1v 60 pf switching frequency 100 khz environmental parameter conditions min. typ. max. units operating temperature range ambient -40 +25 +85 oc storage temperature range -55 +125 oc cooling free air convection humidity rh, non-condensing 95 % physical case size 0.79 x 0.39 x 0.28 inches (20.0 x 10.0 x 7.0 mm) case material non-conductive black plastic (ul94-v0) weight 0.07 oz (2.1g) reliability speci cations parameter conditions min. typ. max. units mtbf mil hdbk 217f, 25oc, gnd benign 3.5 mhours safety standards ul 1950, en 60950 safety approvals ul, cul; file no. e245422 absolute maximum ratings parameter conditions min. typ. max. units input voltage surge (1 sec) 5 vdc input -0.7 9.0 vdc 12 vdc input -0.7 18.0 24 vdc input -0.7 30.0 lead temperature 1.5 mm from case for 10 sec 300 oc internal power dissipation all models 450 mw caution: exceeding absolute maximum ratings may damage the module. these are not continuous operating ratings. electrical speci cations speci cations typical @ +25?, nominal input voltage & rated output current, unless otherwise noted. speci cations subject to change without notice. www.micropowerdirect.com micropower direct 292 page street suite d stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com
model number input output load regulation (%, max) ef ciency (%, typ) fuse rating slow-blow (ma) voltage (vdc) current (ma) voltage (vdc) current (ma, max) current (ma, min) nominal range full-load no-load g101e 5 4.5 - 5.5 286 30 5.0 200.0 20.0 15 70 500 g102e 5 4.5 - 5.5 256 30 9.0 111.0 12.0 15 78 500 g103e 5 4.5 - 5.5 256 30 12.0 83.0 9.0 15 78 500 g104e 5 4.5 - 5.5 250 30 15.0 67.0 7.0 15 80 500 g105e 5 4.5 - 5.5 278 30 5.0 100.0 10.0 15 72 500 g106e 5 4.5 - 5.5 260 30 9.0 56.0 6.0 15 77 500 g107e 5 4.5 - 5.5 253 30 12.0 42.0 5.0 15 79 500 g108e 5 4.5 - 5.5 250 30 15.0 33.0 4.0 15 80 500 g111e 12 10.8 - 13.2 117 15 5.0 200.0 20.0 15 71 200 g112e 12 10.8 - 13.2 109 15 9.0 111.0 12.0 15 76 200 g113e 12 10.8 - 13.2 107 15 12.0 83.0 9.0 15 78 200 g114e 12 10.8 - 13.2 105 15 15.0 67.0 7.0 15 79 200 g115e 12 10.8 - 13.2 116 15 5.0 100.0 10.0 15 72 200 g116e 12 10.8 - 13.2 107 15 9.0 56.0 6.0 15 78 200 g117e 12 10.8 - 13.2 105 15 12.0 42.0 5.0 15 79 200 g118e 12 10.8 - 13.2 107 15 15.0 33.0 4.0 15 78 200 g121e 24 21.6 - 26.4 57 8 5.0 200.0 20.0 15 73 100 g122e 24 21.6 - 26.4 53 8 9.0 111.0 12.0 15 78 100 g123e 24 21.6 - 26.4 53 8 12.0 83.0 9.0 15 78 100 g124e 24 21.6 - 26.4 52 8 15.0 67.0 7.0 15 79 100 g125e 24 21.6 - 26.4 57 8 5.0 100.0 10.0 15 73 100 g126e 24 21.6 - 26.4 52 8 9.0 56.0 6.0 15 79 100 g127e 24 21.6 - 26.4 52 8 12.0 42.0 5.0 15 80 100 g128e 24 21.6 - 26.4 52 8 15.0 33.0 4.0 15 80 100 derating curve model selection guide mechanical dimensions notes: all dimensions are typical in inches (mm) tolerance x.xx = 0.01 ( 0.25) pin 1 is marked by a ?ot or indentation on the top of the unit notes: 1. output load regulation is speci ed for a load change of 10% to 100%. 2. these units should not be operated with a load under 10% of full load. operation at no-load may cause damage to the unit. 3. these converters will operate without external components. however, when measuring output ripple, it is recommended that an external ceramic capacitor be placed from the +vout pin to the -vout pin for single output units and from each out- put to common for dual output units. an input capacitor will enhance stability over temperature and input line variations. recommended capacitor values are given in the table above. for applica- tions requiring very low output noise levels, a simple lc lter should be effective. 4. dual output units may be connected to provide a 10v, 18v, 24v or 30 vdc output. to do this, connect the load across the positive (+vout) and negative (-vout) outputs and oat the output common. 5. it is recommended that a fuse be used on the input of a power supply for protection. see the model selection table above for the correct rating. vin input capacitor vout output capacitor single dual 5 vdc 4.7 f 5 vdc 10.0 f 4.7 f 12 vdc 2.2 f 9 vdc 4.7 f 2.2 f 24 vdc 1.0 f 12 vdc 2.2 f 1.0 f 15 vdc 1.0 f 0.47 f other input/output combinations are available (i.e. 3.3 vdc). contact the factory for details at: sales@micropowerdirect.com pin single dual pin single dual 1 -vin -vin 9 +vout +vout 7 nc nc 11 no pin -vout 8 -vout common 14 +vin +vin nc = no connection pin connections micropower direct we power your success - for less! 292 page street ste d stoughton, ma 02072 ? tel: (781) 344-8226 ? fax: (781) 344-8481 ? e-mail: sales@micropowerdirect.com www.micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of G100E14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X